Part Number Hot Search : 
1206B PH955L C5914 24S15 KE220 SQ2222AF NSD10 MIW1114
Product Description
Full Text Search
 

To Download T494X105M035AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLID TANTALUM CHIP CAPACITORS
FEATURES
* * * * * * *
Low ESR values in EIA 535BAAC sizes Taped and Reeled per EIA 481-1 Symmetrical, Compliant Terminations Optional Gold-plated Terminations Laser-marked Case 100% Surge Current test on C, D, E, U, V, X sizes Capacitance: 0.1 F to 1000 F
CATHODE (-) END VIEW W SIDE VIEW B B H K X S T G S
* * * * * *
Tolerance: 10%, 20% Voltage: 3-50 VDC Extended Range Values Low Profile Case Sizes RoHS Compliant & Leadfree Terminations (See www.kemet.com for lead transition) Operating Temperature: -55C to +125C
BOTTOM VIEW
CAPACITOR OUTLINE DRAWING
ANODE (+) END VIEW
E P R
Termination cutout at KEMETs Option, either end
F A L
STANDARD T494 DIMENSIONS
Millimeters (inches)
CASE SIZE
KEMET A B C D X E EIA 3216-18 3528-21 6032-28 7343-31 7343-43 7260-38
L*
3.2 0.2 (.126 .008) 3.5 0.2 (.138 .008) 6.0 0.3 (.236 .012) 7.3 0.3 (.287 .012) 7.3 0.3 (.287 .012) 7.3 0.3 (.287 .012)
W*
1.6 0.2 (.063 .008) 2.8 0.2 (.110 .008) 3.2 0.3 (.126 .012) 4.3 0.3 (.169 .012) 4.3 0.3 (.169 .012) 6.0 0.3 (.236 .012)
H*
1.6 0.2 (.063 .008) 1.9 0.2 (.075 .008) 2.5 0.3 (.098 .012) 2.8 0.3 (.110 .012) 4.0 0.3 (.157 .012) 3.6 0.2 (.142 .008)
K* 0.20 F* (.008)
0.9 (.035) 1.1 (.043) 1.4 (.055) 1.5 (.059) 2.3 (.091) 2.3 (.091)
COMPONENT 0.1 0.3 B 0.15 (.004) S* (.012) (Ref) (.006)
1.2 (.047) 2.2 (.087) 2.2 (.087) 2.4 (.094) 2.4 (.094) 4.1 (.161) 0.8 (.031) 0.8 (.031) 1.3 (.051) 1.3 (.051) 1.3 (.051) 1.3 (.051) 0.4 (.016) 0.4 (.016) 0.5 (.020) 0.5 (.020) 0.5 (.020) 0.5 (.020)
X (Ref)
0.10 0.10 (.004 .004) 0.10 0.10 (.004 .004) 0.10 0.10 (.004 .004) 0.10 0.10 (.004 .004) 0.10 0.10 (.004 .004) 0.10 0.10 (.004 .004)
P R T A G E (Ref) (Ref) (Ref) (Min) (Ref) (Ref)
0.4 (.016) 0.5 (.020) 0.9 (.035) 0.9 (.035) 1.7 (.067) 0.9 (.035) 0.4 (.016) 1.0 (.039) 1.0 (.039) 1.0 (.039) 1.0 (.039) 1.0 (.039) 0.13 (.005) 0.13 (.005) 0.13 (.005) 0.13 (.005) 0.13 (.005) 0.13 (.005) 1.4 (.055) 2.1 (.083) 3.1 (.122) 3.8 (.150) 3.8 (.150) 3.8 (.150) 1.1 (.043) 1.8 (.071) 2.8 (.110) 3.5 (.138) 3.5 (.138) 3.5 (.138) 1.3 (.051) 2.2 (.087) 2.4 (.094) 3.5 (.138) 3.5 (.138) 3.5 (.138)
Notes: 1. Metric dimensions govern. 2. (Ref) - Dimensions provided for reference only. * Mil-C-55365/8 Specified Dimensions )
LOW PROFILE T494 DIMENSIONS
Millimeters (inches)
COMPONENT
F 0.1 0.9 (.035) 1.2 ( (.047) ) 2.2 (.087) 2.2 (.087) 2.4 (.094) S 0.3 0.5 (.020) 0.8 ( (.031) ) 0.8 (.031) 1.3 (.051) 1.3 (.051) X (Ref 0.05 (.002) 0.05 ( (.002) ) 0.05 (.002) 0.05 (.002) 0.05 (.002) T (Ref) 0.13 (.005) 0.13 ( (.005) ) 0.13 (.005) 0.13 (.005) 0.13 (.005) A (Min) 0.8 (.031) 1.4 ( (.055) ) 2.1 (.083) 3.1 (.122) 3.8 (.150) G (Ref) 0.5 (.020) 1.1 ( (.043) ) 1.8 (.071) 2.8 (.110) 3.5 (.138) E (Ref) 0.8 (.031) 1.3 ( (.051) ) 2.2 (.087) 2.4 (.094) 3.5 (.138)
CASE SIZE
KEMET R S T U V EIA 2012-12 L W H Max. 1.2 (.047) 1.2 ( (.047) ) 1.2 (.047) 1.5 (.059) 2.0 (.079)
K Min. 0.3 (.012) 0.3 ( (.012) ) 0.3 (.012) 0.5 (.020) 0.9 (.035)
2.0 0.2 (.079 .008) (.051 1.6 0.2 3216-12 3.2 0.2 3.5 0.2 (.138 .008) 6032-15 3528-12 7343-20 2.8 0.2 (.110 .008)
7.3 0.3 4.3 0.3 (.287 .012) (.169 .012)
Notes: 1. Metric dimensions govern. . 3. No dimensions provided for B, P or R because low profile cases do not have a bevel or a notch.
*Pb-free supply is not guaranteed with the `S' termination code. This termination code not available effective 15 July 2007.
T494 ORDERING INFORMATION
T 494 B 105 M 035 A S*
Tantalum Series
T494 - Low ESR, Industrial Grade
Lead Material
Case Size
A, B, C, D, E, R, S, T, U, V, X
T - 100% Tin (Sn) Plated H - Tin/Lead (SnPb 5% Pb minimum) G - Gold Plated (A, B, C, D, X only) **S - Not recommended for new designs A - Not Applicable
Failure Rate
Capacitance Picofarad Code
First two digits represent significant figures. Third digit specifies number of zeros to follow.
Voltage Capacitance Tolerance
M - 20% K - 10%
*Part number example: T494B105M035AT (14 digits - no spaces). See www.kemet.com for Pb Free transition. ** "S" Termination codes are converting from 90Sn/10 Pb to 100% tin finishes. Orders including "S" suffix termination codes do not quarantee Pb-free product.
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
27
Solid Tantalum Surface Mount
T494 SERIES -- Low ESR, Industrial Grade
SOLID TANTALUM CHIP CAPACITORS
T494 SERIES--Low ESR, Industrial Grade
T494 RATINGS & PART NUMBER REFERENCE
Capacitance F Case Size KEMET Part Number DC Leakage A @ 25C Max DF % @ +25C 120 Hz Max ESR @ +25C 100 kHz Max Capacitance F Case Size KEMET Part Number DC Leakage A @ 25C Max DF % @ +25C 120 Hz Max ESR @ +25C 100 kHz Max 0.6 0.7 2.0 2.5 10.0 0.5 0.8 0.6 3.0 3.5 0.3 0.6 0.6 2.0 4.0 0.22 0.25 0.60 0.50 2.50 4.00 0.20 0.20 1.00 0.65 3.00 0.15 0.20 0.30 1.20 1.50 0.15 0.30 0.30 0.15 0.15 0.30 0.30 0.15 0.15 0.25 0.10 0.15 0.20 0.10 6.0 1.5 6.0 4.0 9.0 10.0 1.5 3.0 9.0 8.0 1.2 3.0 2.0 9.0 0.6 0.8 1.8 3.5 12.0 0.5 0.8 0.7 4.0 3.5
100.0 220.0 #33.0 3.3 4.7 6.8 6.8 10.0 10.0 #10.0 #10.0 15.0 15.0 15.0 #15.0 22.0 22.0 #22.0 #22.0 #22.0 33.0 33.0 33.0 #33.0 #33.0 47.0 47.0 #47.0 #47.0 #47.0 68.0 68.0 #68.0 #68.0 #68.0 100.0 #100.0 #100.0 #100.0 100.0 100.0 150.0 150.0 #150.0 150.0 #220.0 #220.0 #330.0 #330.0 330.0 #470.0 #470.0 #680.0 #680.0 #1000.0 #1000.0 2.2 2.2 3.3 4.7 4.7 6.8 6.8 #6.8 #6.8 10.0 10.0 10.0 #10.0 #10.0
2.5 Volt Rating at +85C (1.7 Volt Rating at +125C) 2.5 24.0 T T494T107(1)2R5A(2) D T494D227(1)2R5A(2) 5.5 8.0 3 Volt Rating at +85C (2 Volt Rating at +125C) A T494A336(1)003A(2) 1.0 6.0 4 Volt Rating at +85C (2.7 Volt Rating at +125C) A T494A335(1)004A(2) 0.5 6.0 A T494A475(1)004A(2) 0.5 6.0 A T494A685(1)004A(2) 0.5 6.0 S T494S685(1)004A(2) 0.5 6.0 B T494B106(1)004A(2) 0.5 6.0 A T494A106(1)004A(2) 0.5 6.0 S T494S106(1)004A(2) 0.5 6.0 R T494R106M004A(2) 0.5 8.0 B T494B156(1)004A(2) 0.6 6.0 A T494A156(1)004A(2) 0.6 6.0 T T494T156(1)004A(2) 0.6 6.0 S T494S156M004A(2) 0.6 10.0 C T494C226(1)004A(2) 0.9 6.0 B T494B226(1)004A(2) 0.9 6.0 A T494A226(1)004A(2) 0.9 6.0 S T494S226M004A(2) 0.9 10.0 T T494T226(1)004A(2) 0.9 6.0 C T494C336(1)004A(2) 1.3 6.0 U T494U336(1)004A(2) 1.3 6.0 B T494B336(1)004A(2) 1.3 6.0 A T494A336(1)004A(2) 1.3 6.0 T T494T336M004A(2) 1.3 8.0 C T494C476(1)004A(2) 1.9 6.0 U T494U476(1)004A(2) 1.9 6.0 B T494B476(1)004A(2) 1.9 6.0 A T494A476M004A(2) 1.9 12.0 T T494T476M004A(2) 1.9 12.0 D T494D686(1)004A(2) 2.7 6.0 C T494C686(1)004A(2) 2.7 6.0 U T494U686(1)004A(2) 2.7 6.0 B T494B686(1)004A(2) 2.7 6.0 A T494A686(1)004A(2) 2.8 30.0 D T494D107(1)004A(2) 4.0 8.0 C T494C107(1)004A(2) 4.0 8.0 U T494U107(1)004A(2) 4.0 10.0 B T494B107M004A(2) 4.0 8.0 A T494A107M004A(2) 4.0 30.0 T T494T107M004A(2) 4.0 30.0 D T494D157(1)004A(2) 6.0 8.0 V T494V157(1)004A(2) 6.0 8.0 C T494C157(1)004A(2) 6.0 8.0 B T494B157M004A(2) 6.0 12.0 V T494V227(1)004A(2) 8.8 8.0 B T494B227M004A(2) 8.8 8.0 D T494D337(1)004A(2) 13.2 8.0 C T494C337(1)004A(2) 13.2 10.0 V T494V337(1)004A(2) 13.2 12.0 X T494X477(1)004A(2) 18.8 8.0 D T494D477(1)004A(2) 18.8 8.0 X T494X687M004A(2) 27.2 12.0 D T494D687M004A(2) 27.2 12.0 X T494X108(1)004A(2) 40.0 12.0 E T494E108M004A(2) 40.0 15.0 **6 Volt Rating at +85C (4 Volt Rating at +125C) R T494R225(1)006A(2) 0.5 6.0 A T494A225(1)006A(2) 0.5 6.0 A T494A335(1)006A(2) 0.5 6.0 A T494A475(1)006A(2) 0.5 6.0 S T494S475(1)006A(2) 0.5 6.0 B T494B685(1)006A(2) 0.5 6.0 A T494A685(1)006A(2) 0.5 6.0 S T494S685(1)006A(2) 0.5 6.0 R T494R685(1)006A(2) 0.5 8.0 B T494B106(1)006A(2) 0.6 6.0 A T494A106(1)006A(2) 0.6 6.0 T T494T106(1)006A(2) 0.6 6.0 S T494S106M006A(2) 0.6 10.0 R T494R106M006A(2) 0.6 8.0
3.5 0.2 2.0 4.0 3.5 3.0 7.0 1.2 2.0 9.0 6.0 1.2 1.5 2.0 9.0 0.5 0.6 1.5 8.0 2.5 0.5 0.6 0.5 3.0 3.5 0.5 0.6 0.5 2.0 4.0 0.20 0.25 0.60 2.00 3.00 0.20 0.20 1.00 0.65 3.00 4.50 0.15 0.20 0.30 1.00 0.30 0.40 0.15 0.09 0.30 0.15 0.15 0.10 0.15 0.10 0.08 20.0 6.0 6.0 3.5 8.0 1.2 2.0 9.0 10.0 1.0 2.0 1.2 9.0 6.0
15.0 15.0 #15.0 #15.0 #15.0 22.0 22.0 22.0 #22.0 #22.0 33.0 33.0 #33.0 #33.0 #33.0 47.0 47.0 #47.0 #47.0 47.0 47.0 68.0 #68.0 #68.0 #68.0 #68.0 100.0 100.0 #100.0 #100.0 #100.0 150.0 #150.0 #150.0 220.0 #220.0 #220.0 #220.0 #330.0 #330.0 #330.0 #470.0 #470.0 #470.0 #680.0 1.5 2.2 2.2 3.3 3.3 #3.3 4.7 4.7 #4.7 #4.7 6.8 6.8 6.8 #6.8 10.0 10.0 #10.0 #10.0 #10.0 15.0 15.0 15.0 #15.0 #15.0
**6 Volt Rating at +85C (4 Volt Rating at +125C) 0.9 6.0 C T494C156(1)006A(2) B T494B156(1)006A(2) 0.9 6.0 A T494A156(1)006A(2) 0.9 6.0 T T494T156(1)006A(2) 0.9 6.0 S T494S156M006A(2) 0.9 10.0 C T494C226(1)006A(2) 1.4 6.0 U T494U226(1)006A(2) 1.4 6.0 B T494B226(1)006A(2) 1.4 6.0 A T494A226(1)006A(2) 1.4 6.0 T T494T226M006A(2) 1.4 8.0 C T494C336(1)006A(2) 2.0 6.0 U T494U336(1)006A(2) 2.0 6.0 B T494B336(1)006A(2) 2.0 6.0 A T494A336(1)006A(2) 2.0 12.0 T T494T336M006A(2) 2.0 12.0 D T494D476(1)006A(2) 2.9 6.0 C T494C476(1)006A(2) 2.9 6.0 U T494U476(1)006A(2) 2.9 6.0 B T494B476(1)006A(2) 2.9 6.0 A T494A476M006A(2) 3.0 12.0 T T494T476(1)006A(2) 3.0 24.0 D T494D686(1)006A(2) 4.1 6.0 C T494C686(1)006A(2) 4.1 6.0 U T494U686(1)006A(2) 4.1 10.0 B T494B686M006A(2) 4.1 8.0 A T494A686(1)006A(2) 5.0 30.0 D T494D107(1)006A(2) 6.0 8.0 V T494V107(1)006A(2) 6.0 8.0 C T494C107(1)006A(2) 6.0 8.0 U T494U107M006A(2) 6.0 10.0 B T494B107(1)006A(2) 6.0 15.0 D T494D157(1)006A(2) 9.0 8.0 C T494C157M006A(2) 9.0 8.0 V T494V157(1)006A(2) 9.0 8.0 X T494X227(1)006A(2) 13.2 8.0 D T494D227(1)006A(2) 13.2 8.0 C T494C227M006A(2) 13.2 10.0 V T494V227M006A(2) 13.2 12.0 X T494X337(1)006A(2) 19.8 8.0 D T494D337(1)006A(2) 19.8 8.0 E T494E337(1)006A(2) 20.8 8.0 X T494X477(1)006A(2) 28.2 10.0 D T494D477M006A(2) 28.2 12.0 E T494E477(1)006A(2) 29.6 10.0 E T494E687M006A(2) 40.8 12.0 10 Volt Rating at +85C (7 Volt Rating at +125C) A T494A155(1)010A(2) 0.5 6.0 B T494B225(1)010A(2) 0.5 6.0 A T494A225(1)010A(2) 0.5 6.0 A T494A335(1)010A(2) 0.5 6.0 S T494S335(1)010A(2) 0.5 6.0 R T494R335(1)010A(2) 0.3 8.0 B T494B475(1)010A(2) 0.5 6.0 A T494A475(1)010A(2) 0.5 6.0 S T494S475(1)010A(2) 0.5 6.0 R T494R475M010A(2) 0.5 8.0 B T494B685(1)010A(2) 0.7 6.0 A T494A685(1)010A(2) 0.7 6.0 T T494T685(1)010A(2) 0.7 6.0 S T494S685M010A(2) 0.7 10.0 C T494C106(1)010A(2) 1.0 6.0 B T494B106(1)010A(2) 1.0 6.0 A T494A106(1)010A(2) 1.0 6.0 T T494T106(1)010A(2) 1.0 6.0 S T494S106M010A(2) 1.0 10.0 C T494C156(1)010A(2) 1.5 6.0 U T494U156(1)010A(2) 1.5 6.0 B T494B156(1)010A(2) 1.5 6.0 A T494A156(1)010A(2) 1.5 8.0 T T494T156M010A(2) 1.5 8.0
(1) To complete KEMET Part Number, insert M for 20% tolerance or K for 10% tolerance. (2) To complete KEMET Part Number, insert S, H, G, or T lead material designation as shown on page 27. *Extended Values **6 Volt product equivalent to 6.3 volt product. #Maximum Capacitance Change @ 125C=+15%. Maximum Capacitance Change @ 125C=+20%. Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET's option. Voltage substitutions will be marked with the higher voltage rating.
28
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
SOLID TANTALUM CHIP CAPACITORS
T494 SERIES--Low ESR, Industrial Grade
T494 RATINGS & PART NUMBER REFERENCE
Capacitance F 22.0 22.0 #22.0 #22.0 #22.0 33.0 33.0 33.0 #33.0 #33.0 47.0 47.0 #47.0 #47.0 #47.0 68.0 #68.0 68.0 #68.0 #68.0 100.0 #100.0 #100.0 150.0 #150.0 #150.0 #150.0 #220.0 #220.0 #220.0 #330.0 #330.0 #330.0 #470.0 #470.0 1.0 1.5 2.2 2.2 #2.2 3.3 3.3 4.7 4.7 4.7 6.8 6.8 #6.8 10.0 10.0 10.0 #10.0 #10.0 15.0 15.0 #15.0 22.0 22.0 #22.0 #22.0 33.0 #33.0 #33.0 47.0 47.0 #47.0 68.0 #68.0 Case Size DC DF % Leakage @ +25C A @ 25C 120 Hz Max Max 10 Volt Rating at +85C (7 Volt Rating at +125C) 2.2 6.0 C T494C226(1)010A(2) U T494U226(1)010A(2) 2.2 6.0 B T494B226(1)010A(2) 2.2 6.0 A T494A226M010A(2) 2.2 10.0 T T494T226M010A(2) 2.2 12.0 D T494D336(1)010A(2) 3.3 6.0 V T494V336(1)010A(2) 3.3 6.0 C T494C336(1)010A(2) 3.3 6.0 U T494U336(1)010A(2) 3.3 6.0 B T494B336(1)010A(2) 3.3 6.0 D T494D476(1)010A(2) 4.7 6.0 V T494V476(1)010A(2) 4.7 6.0 C T494C476(1)010A(2) 4.7 6.0 U T494U476(1)010A(2) 4.7 10.0 B T494B476M010A(2) 4.7 8.0 D T494D686(1)010A(2) 6.8 6.0 C T494C686(1)010A(2) 6.8 6.0 V T494V686(1)010A(2) 6.8 6.0 U T494U686M010A(2) 6.8 10.0 B T494B686M010A(2) 6.8 10.0 D T494D107(1)010A(2) 10.0 8.0 C T494C107(1)010A(2) 10.0 8.0 V T494V107(1)010A(2) 10.0 8.0 X T494X157(1)010A(2) 15.0 8.0 D T494D157(1)010A(2) 15.0 8.0 C T494C157(1)010A(2) 15.0 10.0 V T494V157M010A(2) 15.0 8.0 X T494X227(1)010A(2) 22.0 8.0 D T494D227(1)010A(2) 22.0 8.0 V T494V227(1)010A(2) 22.0 12.0 X T494X337(1)010A(2) 33.0 10.0 D T494D337M010A(2) 33.0 10.0 E T494E337(1)010A(2) 33.0 10.0 X T494X477(1)010A(2) 47.0 10.0 E T494E477M010A(2) 47.0 12.0 16 Volt Rating at +85C (10 Volt Rating at + 125C) A T494A105(1)016A(2) 0.5 4.0 A T494A155(1)016A(2) 0.5 6.0 A T494A225(1)016A(2) 0.5 6.0 S T494S225(1)016A(2) 0.5 6.0 R T494R225(1)016A(2) 0.5 8.0 B T494B335(1)016A(2) 0.5 6.0 A T494A335(1)016A(2) 0.5 6.0 B T494B475(1)016A(2) 0.8 6.0 A T494A475(1)016A(2) 0.8 6.0 T T494T475(1)016A(2) 0.8 6.0 C T494C685(1)016A(2) 1.1 6.0 B T494B685(1)016A(2) 1.1 6.0 A T494A685(1)016A(2) 1.1 6.0 C T494C106(1)016A(2) 1.6 6.0 U T494U106(1)016A(2) 1.6 6.0 B T494B106(1)016A(2) 1.6 6.0 A T494A106(1)016A(2) 1.6 8.0 T T494T106(1)016A(2) 1.6 8.0 C T494C156(1)016A(2) 2.4 6.0 U T494U156(1)016A(2) 2.4 6.0 B T494B156(1)016A(2) 2.4 6.0 D T494D226(1)016A(2) 3.6 6.0 C T494C226(1)016A(2) 3.6 6.0 U T494U226(1)016A(2) 3.6 10.0 B T494B226(1)016A(2) 3.6 6.0 D T494D336(1)016A(2) 5.3 6.0 C T494C336(1)016A(2) 5.3 6.0 U T494U336(1)016A(2) 5.3 12.0 D T494D476(1)016A(2) 7.5 6.0 V T494V476(1)016A(2) 7.5 6.0 C T494C476(1)016A(2) 7.5 6.0 D T494D686(1)016A(2) 10.9 6.0 V T494V686(1)016A(2) 10.9 6.0 KEMET Part Number ESR @ +25C 100 kHz Max 0.4 0.8 0.7 4.5 6.0 0.25 0.30 0.30 0.60 1.40 0.22 0.30 0.30 1.20 0.65 0.20 0.30 0.30 1.20 1.50 0.15 0.20 0.40 0.15 0.15 0.70 0.30 0.15 0.15 0.50 0.10 0.15 0.25 0.10 0.10 6.0 6.0 4.0 10.0 20.0 2.0 4.0 1.5 3.0 3.0 0.8 1.2 3.0 0.6 1.0 0.8 3.0 6.0 0.4 0.8 0.8 0.25 0.35 1.80 1.00 0.25 0.30 2.20 0.2 0.3 0.5 0.15 0.5 Capacitance F 100.0 #100.0 100.0 #150.0 #150.0 #220.0 #220.0 0.68 1.0 1.0 1.0 1.5 1.5 2.2 2.2 3.3 #3.3 3.3 4.7 4.7 #4.7 6.8 6.8 #6.8 #6.8 10.0 10.0 #10.0 15.0 15.0 22.0 22.0 #22.0 33.0 #33.0 33.0 47.0 47.0 68.0 #68.0 #100.0 #100.0 #150.0 0.33 0.47 0.68 1.0 1.0 1.5 1.5 2.2 2.2 3.3 3.3 4.7 #4.7 #4.7 6.8 6.8 10.0 10.0 15.0 #15.0 22.0 22.0 22.0 33.0 #33.0 #33.0 #47.0 47.0 68.0 68.0 100.0 Case Size DC DF % Leakage @ +25C A @ 25C 120 Hz Max Max 16 Volt Rating at +85C (10 Volt Rating at + 125C) X T494X107(1)016A(2) 16.0 8.0 D T494D107(1)016A(2) 16.0 8.0 V T494V107(1)016A(2) 16.0 12.0 X T494X157(1)016A(2) 24.0 8.0 D T494D157(1)016A(2) 24.0 12.0 X T494X227(1)016A(2) 35.2 10.0 E T494E227(1)016A(2) 35.2 7.2 20 Volt Rating at +85C (13 Volt Rating at +125C) A T494A684(1)020A(2) 0.5 4.0 A T494A105(1)020A(2) 0.5 4.0 S T494S105(1)020A(2) 0.5 6.0 R T494R105(1)020A(2) 0.2 6.0 A T494A155(1)020AS(2) 0.5 6.0 S T494S155(1)020A(2) 0.5 6.0 B T494B225(1)020A(2) 0.5 6.0 A T494A225(1)020A(2) 0.5 6.0 B T494B335(1)020A(2) 0.7 6.0 A T494A335(1)020A(2) 0.7 6.0 T T494T335(1)020A(2) 0.7 6.0 C T494C475(1)020A(2) 1.0 6.0 B T494B475(1)020A(2) 1.0 6.0 A T494A475(1)020A(2) 1.0 6.0 C T494C685(1)020A(2) 1.4 6.0 U T494U685(1)020A(2) 1.4 6.0 B T494B685(1)020A(2) 1.4 6.0 A T494A685M020A(2) 1.4 8.0 C T494C106(1)020A(2) 2.0 6.0 U T494U106(1)020A(2) 2.0 6.0 B T494B106(1)020A(2) 2.0 6.0 D T494D156(1)020A(2) 3.0 6.0 C T494C156(1)020A(2) 3.0 6.0 D T494D226(1)020A(2) 4.4 6.0 V T494V226(1)020A(2) 4.4 6.0 C T494C226(1)020A(2) 4.4 6.0 D T494D336(1)020A(2) 6.6 6.0 C T494C336M020A(2) 6.6 6.0 V T494V336(1)020A(2) 6.6 8.0 C T494C476M020A(2) 9.4 10.0 D T494D476(1)020A(2) 9.4 6.0 X T494X686(1)020A(2) 13.6 6.0 D T494D686(1)020A(2) 13.6 8.0 X T494X107(1)020A(2) 20.0 8.0 E T494E107(1)020A(2) 20.0 8.0 X T494X157(1)020A(2) 30.0 10.0 25 Volt Rating at +85C (17 Volt Rating at +125C) A T494A334(1)025A(2) 0.5 4.0 A T494A474(1)025A(2) 0.5 4.0 A T494A684(1)025A(2) 0.5 4.0 B T494B105(1)025A(2) 0.5 4.0 A T494A105(1)025A(2) 0.5 4.0 B T494B155(1)025A(2) 0.5 6.0 A T494A155(1)025A(2) 0.5 6.0 C T494C225(1)025A(2) 0.6 6.0 B T494B225(1)025A(2) 0.6 6.0 C T494C335(1)025A(2) 0.9 6.0 B T494B335(1)025A(2) 0.9 6.0 C T494C475(1)025A(2) 1.2 6.0 B T494B475(1)025A(2) 1.2 6.0 A T494A475M025A(2) 1.2 8.0 C T494C685(1)025A(2) 1.7 6.0 B T494B685(1)025A(2) 1.7 8.0 D T494D106(1)025A(2) 2.5 6.0 C T494C106(1)025A(2) 2.5 6.0 D T494D156(1)025A(2) 3.8 6.0 C T494C156(1)025A(2) 3.8 6.0 D T494D226(1)025A(2) 5.5 6.0 C T494C226(1)025A(2) 5.5 6.0 V T494V226(1)025A(2) 5.5 6.0 X T494X336(1)025A(2) 8.3 6.0 D T494D336(1)025A(2) 8.3 6.0 C T494C336(1)025A(2) 8.3 10.0 X T494X476(1)025A(2) 11.8 6.0 D T494D476(1)025A(2) 11.8 10.0 X T494X686M025A(2) 17.0 8.0 D T494D686M025A(2) 17.0 10.0 X T494X107M025A(2) 25.0 8.0 KEMET Part Number ESR @ +25C 100 kHz Max 0.15 0.15 0.5 0.15 0.4 0.4 0.5 8.0 5.5 10.0 15.0 4.5 9.0 1.5 4.0 1.3 4.0 4.0 0.6 1.0 3.0 0.6 1.4 1.0 3.0 0.5 0.8 1.0 0.35 0.40 0.3 0.4 0.4 0.25 0.40 0.40 0.80 0.20 0.20 0.20 0.15 0.30 0.30 10.0 9.0 6.0 2.0 4.0 1.5 3.0 2.2 1.2 1.2 2.0 0.6 1.0 3.0 0.6 2.0 0.4 0.6 0.35 0.90 0.3 1.0 0.5 0.3 0.4 1.0 0.3 0.2 0.3 0.5 0.25
(1)
(2)
To complete KEMET Part Number, insert M for 20% tolerance or K for 10% tolerance.
To complete KEMET Part Number, insert S, H, G, or T lead material designation as shown on page 27.
*Extended Values **6 Volt product equivalent to 6.3 volt product. #Maximum Capacitance Change @ 125C=+15%. Maximum Capacitance Change @ 125C=+20%. Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET's option. Voltage substitutions will be marked with the higher voltage rating.
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
29
Solid Tantalum Surface Mount
SOLID TANTALUM CHIP CAPACITORS
T494 SERIES--Low ESR, Industrial Grade
T494 RATINGS & PART NUMBER REFERENCE
CapaciCapacitance tance F F 0.10 0.15 0.22 0.33 0.47 0.47 0.68 0.68 1.0 1.0 1.5 1.5 2.2 2.2 3.3 #3.3 4.7 4.7 6.8 6.8 10.0 #10.0 #10.0 15.0 15.0 #22.0 #22.0 #33.0 #33.0 47.0 47.0 0.10 0.15 0.15 0.22 0.33 0.47 0.47 0.68 0.68 1.0 #1.0 1.5 1.5 2.2 2.2 3.3 4.7 6.8 #6.8 #10.0 #10.0 15.0 Case Case Size Size DC DF % DC Leakage @DF % +25C Leakage @ +25C A @ 25C 120 Hz A Max @ 25C 120 Hz Max Max Max 35 Volt Rating at +85C (23 Volt Rating at +125C) 0.5 4.0 A T494A104(1)035A(2) A T494A154(1)035A(2) 0.5 4.0 A T494A224(1)035A(2) 0.5 4.0 A T494A334(1)035A(2) 0.5 4.0 B T494B474(1)035A(2) 0.5 4.0 A T494A474(1)035A(2) 0.5 4.0 B T494B684(1)035A(2) 0.5 4.0 A T494A684(1)035A(2) 0.5 4.0 B T494B105(1)035A(2) 0.5 4.0 A T494A105(1)035A(2) 0.5 4.0 C T494C155(1)035A(2) 0.5 6.0 B T494B155(1)035A(2) 0.5 6.0 C T494C225(1)035A(2) 0.8 6.0 B T494B225(1)035A(2) 0.8 6.0 C T494C335(1)035A(2) 1.2 6.0 B T494B335(1)035A(2) 1.2 6.0 D T494D475(1)035A(2) 1.7 6.0 C T494C475(1)035A(2) 1.7 6.0 D T494D685(1)035A(2) 2.4 6.0 C T494C685(1)035A(2) 2.4 6.0 D T494D106(1)035A(2) 3.5 6.0 C T494C106M035A(2) 3.5 6.0 *V T494V106(1)035A(2) 3.5 6.0 X T494X156(1)035A(2) 5.3 6.0 D T494D156(1)035A(2) 5.3 6.0 X T494X226(1)035A(2) 7.7 6.0 D T494D226(1)035A(2) 7.7 6.0 D T494D336(1)035A(2) 11.6 6.0 X T494X336(1)035A(2) 11.6 6.0 X T494X476(1)035A(2) 16.5 8.0 E T494E476(1)035A(2) 16.5 10.0 50 Volt Rating at +85C (33 Volt Rating at +125C) 0.5 4.0 A T494A104(1)050A(2) B T494B154(1)050A(2) 0.5 4.0 A T494A154(1)050A(2) 0.5 4.0 B T494B224(1)050A(2) 0.5 4.0 B T494B334(1)050A(2) 0.5 4.0 C T494C474(1)050A(2) 0.5 4.0 B T494B474(1)050A(2) 0.5 4.0 C T494C684(1)050A(2) 0.5 4.0 B T494B684(1)050A(2) 0.5 4.0 C T494C105(1)050A(2) 0.5 4.0 V T494V105M050A(2) 0.5 4.0 D T494D155(1)050A(2) 0.8 6.0 C T494C155(1)050A(2) 0.8 6.0 D T494D225(1)050A(2) 1.1 6.0 C T494C225(1)050A(2) 1.1 6.0 D T494D335(1)050A(2) 1.7 6.0 D T494D475(1)050A(2) 2.4 6.0 X T494X685(1)050A(2) 3.5 6.0 D T494D685(1)050A(2) 3.4 6.0 X T494X106M050A(2) 5.0 6.0 D T494D106(1)050A(2) 5.0 6.0 X T494X156(1)050A(2) 7.5 6.0 KEMET KEMET Part Number Part Number ESR ESR @ +25C 100 kHz Max 10.0 6.0 6.0 6.0 2.5 4.0 2.5 6.0 2.0 6.0 2.5 3.0 1.5 2.5 0.8 1.3 0.7 0.7 0.5 0.9 0.4 1.2 0.8 0.30 0.35 0.3 0.4 0.6 0.6 0.5 0.3 10.0 10.0 10.0 10.0 2.5 1.8 2.0 1.6 3.0 1.6 4.0 1.0 1.5 0.8 1.5 0.8 0.6 0.5 0.7 0.4 0.7 0.4
Molded Case
CAPACITOR MARKINGS
T494 Series -- All Case Sizes
Polarity Indicator (+)
(* Denotes T494)
Rated Voltage
107 10K 527
Print Week Code: 1st Digit = Y ear 2nd & 3rd Digits = Week "527" = The 27th week of 2005
Picofarad Code
KEMET I. D. Symbol
CONSTRUCTION
Negative Termination* Silver Adhesive Washer Polarity Stripe (+) Polarity Bevel (+) Tantalum Wire
Tantalum
(Ta2O5)
Weld
Mn02 Coat
(First Layer) (Second Layer)
Carbon
Silver Paint
(Third Layer)
Positive Termination* *100% tin
(1) To complete KEMET Part Number, insert M for 20% tolerance or K for 10% tolerance. (2) To complete KEMET Part Number, insert S, H, G, or T lead material designation as shown on page 27. *Extended Values **6 Volt product equivalent to 6.3 volt product. #Maximum Capacitance Change @ 125C=+15%. Maximum Capacitance Change @ 125C=+20%. Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET's option. Voltage substitutions will be marked with the higher voltage rating.
30
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
TANTALUM AND ALUMINUM CHIP CAPACITORS
Packaging Information
Tape & Reel Packaging
KEMET's Molded Tantalum and Aluminum Chip Capacitor families are packaged in 8 mm and 12 mm plastic tape on 7" and 13" reels, in accordance with EIA Standard 481-1: Taping of Surface Mount Components for Automatic Handling. This packaging system is compatible with all tape fed automatic pick and place systems.
Right Hand Orientation Only
Embossed Carrier
(+)
(-)
Embossment
Top Tape Thickness .10mm (.004") Max Thickness
8mm .30 8mm (0.315") (.315 .012") or or 12mm (0.472") 12mm .30 (.472 .012")
178mm (7.00") 180mm (7.0") oror 330mm (13.00") 330mm (13.0")
Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556.
QUANTITIES PACKAGED PER REEL
Case Code KEMET EIA R 2012-12 S 3216-12 T 3528-12 U 6032-15 W 7343-15 V 7343-20 A 3216-18 B 3528-21 C 6032-28 D 7343-31 Y 7343-40 X 7343-43 E 7260-38 Tape Width-mm 8 8 8 12 12 12 8 8 12 12 12 12 12 7" Reel* 2,500 2,500 2,500 1,000 1,000 1,000 2,000 2,000 500 500 500 500 500 13" Reel* 10,000 10,000 10,000 5,000 3,000 3,000 9,000 8,000 3,000 2,500 2,000 2,000 2,000
* No c-spec required for 7" reel packaging. C-7280 required for 13" reel packaging. * Standard reel packaging is not mandatory. * Bulk packaging also available using C-7610.
92
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Packaging
TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS
Packaging Information
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum. 2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be: Tape Width Peel Strength 8 mm 0.1 Newton to 1.0 Newton (10g to 100g) 12 mm 0.1 Newton to 1.3 Newton (10g to 130g) The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13") reels (with C-7280). Note that 13" reels are preferred. 4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
Table 1 -- EMBOSSED TAPE DIMENSIONS (Metric will govern) Constant Dimensions -- Millimeters (Inches)
Tape Size 8 mm and 12 mm D0 E P0 4.0 0.10 (0.157 0.004) P2 2.0 0.05 (0.079 0.002) T Max 0.600 (0.024) T1 Max 0.100 (0.004) 1.5 1.75 0.10 +0.10 -0.0 (0.059 (0.069 0.004) +0.004, -0.0) Pitch Single (4 mm) B1 Max. Note 1 4.4 (0.173) 12 mm Double (8 mm) 8.2 (0.323) D1 Min. Note 2 1.0
Variable Dimensions -- Millimeters (Inches)
Tape Size 8 mm F 3.5 0.05 P1 4.0 0.10 R Min. Note 3 25.0 T2 Max 2.5 (0.098) W 8.0 0.30 (.315 0.012) A0B0K0 Note 4
(0.039) (0.138 0.002) 1.5 5.5 0.05 (0.059) (0.217 0.002)
(0.157 0.004) (0.984) 8.0 0.10 30.0 (0.315 0.004) (1.181)
4.6 12.0 0.30 (0.181) (0.472 0.012)
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only. 2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of embossment location and hole location shall be applied independent of each other. 3. Tape with components shall pass around radius "R" without damage (see sketch A). The minimum trailer length (Fig. 2) may require additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2) 4. The cavity defined by A0, B0, and K0 shall be configured to surround the part with sufficient clearance such that the chip does not protrude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm maximum in the pocket (not applicable to vertical clearance.)
94
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS
Packaging Information Embossed Carrier Tape Configuration (cont.)
20
Sketch D: Tape Camber (Top View)
1mm (0.039) Max.
250mm (9.843) Allowable camber to be 1 mm/250 mm.
1mm (0.039) Max.
400mm (15.75) Min.
Figure 2: Tape Leader & Trailer Dimensions (Metric Dimensions Will Govern)
Figure 3: Reel Dimensions (Metric Dimensions will govern)
Table 2 - REEL DIMENSIONS (Metric will govern)
Tape Size 8 mm A Max 330.0 (12.992) B* Min 1.5 (0.059) C 13.0 0.20 (0.512 0.008) D* Min 20.2 (0.795) N Min 50.0 (1.969) See Note 3 Table 1 W1 8.4 +1.5, -0.0 (0.331 +0.059, -0.0) 12.4 +2.0, -0.0 (0.488 +0.078, -0.0) W2 Max 14.4 (0.567) W3 7.9 Min (0.311) 10.9 Max (0.429) 11.9 Min (0.469) 15.4 Max (0.606)
12 mm
330.0 (12.992)
1.5 (0.059)
13.0 0.20 (0.512 0.008)
20.2 (0.795)
18.4 (0.724)
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
95
Packaging


▲Up To Search▲   

 
Price & Availability of T494X105M035AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X